|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPECIFICATION FOR APPROVAL REF : 20091021-C PROD. NAME ABC'S DWG NO. SR3015L- PAGE: 1 SMD POWER INDUCTOR ABC'S ITEM NO. CONFIGURATION & DIMENSIONS A A: B: C: D: G: H: I: 3.0 2.8 1.5 0.9 0.8 3.0 1.4 0.2 0.2 0.2 typ. ref. ref. ref. m/m m/m m/m m/m m/m m/m m/m 100 D C B I G I ( PCB Pattern ) SCHEMATIC DIAGRAM a b MATERIALS aCoreFerrite DR core bWire Enamelled copper wire (class F & H) cTerminal Ag/Ni/Sn dRemarkProducts comply with RoHS' requirements c Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max. Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area +2.0 ~ 4.0 / sec max. Forced Cooling Area -(1.0 ~ 5.0) / sec max. Peak Temperature: 260 230 GENERAL SPECIFICATION aTemp. rise 30 max. bRated currentBase on temp. rise & L / L0A=10% typ. cStorage temp.-40 ----+125 dOperating temp.-40----+105 eResistance to solder heat260.10 secs. Temperature ( ) 250 50s ec max. 200 150 70sec max. 100 50 H 0 50 100 150 Time ( seconds ) 200 250 AR-001A SPECIFICATION FOR APPROVAL REF : 20091021-C PROD. NAME ABC'S DWG NO. PAGE: 2 SMD POWER INDUCTOR ABC'S ITEM NO. SR3015L- ELECTRICAL CHARACTERISTICS Inductance ( H ) 2.2 20 4.7 20 10.0 20 15.0 20 22.0 20 33.0 10 47.0 10 68.0 10 100.0 10 Test Freq. L Q ref. (Hz)/0.1V (MHz) Q 12.0 10.0 12.0 15.0 20.0 20.0 15.0 22.0 40.0 100K 100K 100K 100K 100K 100K 100K 100K 100K 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 0.796 RDC () typ. max. 0.095 0.165 0.360 0.540 0.850 1.150 1.550 2.350 3.500 0.125 0.215 0.450 0.675 1.060 1.430 1.950 2.950 4.400 Irms SRF Isat ( mA ) ( MHz ) ( mA ) max. typ. typ. 100 80 55 40 35 28 23 18 15 1000 700 500 400 330 270 220 180 160 1200 1000 650 500 420 350 300 230 200 DWG No. SR30152R2ML- SR30154R7ML- SR3015100ML- SR3015150ML- SR3015220ML- SR3015330KL- SR3015470KL- SR3015680KL- SR3015101KL- 1) Packaging Information... A Bulk B Taping Reel 2)"":Reference code 3)Inductance Test Freq.100KHz / 0.1V 4)Isat base on L / L0A=10% typ. 5)Irms base on Temp. rise 30 max. Inductance VS. DC Current curve 100 101 470 Inductance(H) 10 100 4R7 2R2 1 0 0 1 10 DC Current(A) AR-001A SPECIFICATION FOR APPROVAL REF : 20091021-C PROD. NAME PAGE: 3 SMD POWER INDUCTOR ABC'S DWG NO. ABC'S ITEM NO. SR3015L- PACKAGING INFORMATION ( 1 ) Configuration T Cover tape 2.00.5 A B C C N G D Embossed carrier Carrier tape width : D End P:8 m/m 4 m/m Strat 100 100 100 100 100 100 100 Leader no component 200 m/m min. Components User direction of feed Trailer no component 400 m/m min. ( 2 ) Dimensions Style 07 - 12 A 178 B 210.8 C 13 D 12 G +0 14 N -0 50 Unit:m/m T 16.5 ( 3 ) Q'TY & G.W. Per package Inner : Reel Series SR3015 Q'TY (pcs) G.W. (gw) Style Q'TY (pcs) Outer : Carton G.W. (Kg) Size (cm) 1200 300 07 - 12 48,000 10.5 42 x 41 x 24 AR-001A SPECIFICATION FOR APPROVAL REF : 20091021-C PROD. NAME ABC'S DWG NO. PAGE: 4 SR3015L- SMD POWER INDUCTOR ABC'S ITEM NO. DWGING NUMBER EXPRESSION S R 3 0 1 5 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements Appendix code 2Package Information Code A B Inner package T.B.D. T / R ( Reel package ) Inner package Q'TY T.B.D. 1,200 pcs Remark AR-001A SPECIFICATION FOR APPROVAL REF : 20091021-C PROD. NAME PAGE: 5 SMD POWER INDUCTOR ABC'S DWG NO. ABC'S ITEM NO. SR3015L- RELIABILITY TEST Test item Specification Test condition Solderability More than 95% of the terminal electrode Shall be covered With fresh solder. Preheat : 155 / 4 hours. Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 50.5 seconds Thermal shock test ( Temp. cycle ) Electrical oharacteristics shall not change more than 20% Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles -40 30 minutes +105 30 minutes Humidity test Temperature : 402 Humidity : 905% Time : 1000 hours High temp. Resistance test Temperature : 1055 Applied current : Per spec. Time : 96 hours AR-001A SPECIFICATION FOR APPROVAL REF : 20091021-C PROD. NAME PAGE: 6 ABC'S DWG NO. ABC'S ITEM NO. SR3015L- SMD POWER INDUCTOR UL CARD OBMW2 Magnet Wire-Component September 8, 2000 E174837 JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN Mtl Dsg AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002 Mark Dsg ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ BC Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane Coat Typ ____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____ OC ANSI Type MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79 Temp Class 220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155 Page 1 of 2 A not-for-profit organization dedicated to public safety and committed to quality service Mtl Dsg SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2 Mark Dsg ____ ____ ____ ____ ____ ____ BC Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Coat Typ OC Polyamide ____ ____ ____ Nylon Polyamide ANSI Type MW80C MW2-C ___ MW75C MW28-C MW28-C Temp Class 155 105 130 130 130 130 @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks or , material designation or marked designation on packaed or reel, and Recognized Component Mark. See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. 287806002 Page 2 of 2 OBMW2E174837 September 8 , 2000 AR-001A SPECIFICATION FOR APPROVAL REF : 20091021-C PROD. NAME PAGE: 7 ABC'S DWG NO. ABC'S ITEM NO. SR3015L- SHIELDED SMD POWER INDUCTOR OBMW2 Magnet Wire-Comporent October 06, 2005 E143312 ELEKTRISOLA (MALAYSLA) SDN BHD JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG DARUL MAKMUR MALAYSIA Coating Type Mtl Dsg Estersol 180 Amldester 200 Polysol-N 155 Polysol 155 Polysol 155g Polysol 155p Polysol 160 Polysol 180 Polysol 170 Polysol-N 180 Polysol P155p Mark Dsg E180 A200 PN155 P155, G155 Pg155 Pp155,Gp155 P160 P180,G180 P170 or G170 PN180 P155p BC Polyesterimide (solderable) Polyesterimide Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane OC ____ ____ Nylon ____ ____ ____ ____ ____ ____ Nylon ____ ANSI Typ MW-77 MW-74 MW-80, MW-28 MW-79, MW-75 MW-75 MW-79 MW-79 MW-82 MW-79 MW-79 MW-83 MW-79 Temp Class 180 200 155, 130 155, 130 130 155 155 180 155 155 180 155 MarkingCompany name, material designation or marked designation and factory identification on package ok reel See General Information preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. AR-001A |
Price & Availability of SR3015330KL |